Part Number Hot Search : 
EGPZ30B 144EK BAV70LT1 H3CGO6DI 5562A 15100 C1608 5X5R1
Product Description
Full Text Search
 

To Download MR-320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  connect@lannerinc.com www.lannerinc.com specifications are subject to change without notice MR-320 mini network platform with cavi - um octeon network processor features multiple networking interfaces deploy the MR-320 with two gigabit ethernet ports and a four port switch. cavium octeon soc the lanner MR-320 security ap - pliance utilizes the cavium octeon cn30xx/cn50xx soc processor. choose between the cavium octeon cn30xx or cn50xx mips64 processors for targeted application perform - ance. intelligent security unique hardware acceleration implements the latest set of algorithms to enable future-proof designs. with integrated security acceleration engines onboard, the MR-320 is adaptable to a range of security and network appli - cations such as small business gateway, secure router, qos or dedicated end-point vpn validated os partners and firmware support work with lanner for second-to- none firmware and driver support. our dedicated team of software engineers makes the transition to mips64 as smooth and painless as possible. compact and fanless design the MR-320 is 100% fanless and is constructed using rugged aluminium. it is highly du - rable, a proven workhorse and is able to withstand extreme condi - 4 x gbe rj45 switch ports 1 x usb status leds tions, making it an extremely sta - ble solution for your most remote locations. customized exterior take advantage of lanners ex - tensive industrial design experi - ence and customize this appliance to meet your unique branding requirements. dimensions: 240 x 30 x 155.5 mm 2 x gbe rj45 console
specifications connect@lannerinc.com www.lannerinc.com ordering information specifications are subject to change without notice MR-320a cavium octeon cn5020, 512mb fanless desktop appliance MR-320b cavium octeon cn5020, 1 gb fanless desktop appliance form factor desktop platform processor options cavium octeon cn5020 500mhz) os support linux os (kernel version depends on bsp) flash memory boot flash 64mbit nand flash extra flash n/a system memory technology ddr2 533mhz 512mb/1gb max. capacity 1gb socket onboard storage hdd bays n/a cf/sd 1 x type ii compactflash networking ethernet ports 2 x gbe rj45 ports 4 x gbe rj45 switch ports bypass n/a controllers marvell 88e6161 gbe switch marvell 88e1111 ethernet modules n/a management port n/a i/o interface reset button yes console 1 x db9 usb 1 x usb 2.0 expansion pcie n/a pci 1 x mini-pci, 1 x pci golden finger cooling processor passive heatsink system passive environmental parameters temperature, ambient operating / storage 0 ~ 40o c / -20~70o c humidity (rh), ambient operating / ambient non-operating 5~95%, non-condensing miscellaneous lcd module n/a watchdog yes internal rtc with li battery yes physical dimensions dimensions (wxhxd) 240 x 30 x 155.5 mm weight 1.7 kg power type / watts 24w power adapter input 100~240v~0.5a,50-60hz approvals and compliance ce emission, fcc class a, rohs


▲Up To Search▲   

 
Price & Availability of MR-320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X